PART |
Description |
Maker |
ARZ145T05 ARZ225C24 ARZ225C05 ARZ225C12 ARZ140M05 |
RZ-coaxial switche. Impedance 75 ohm. Contact arrangement SP4T. Added function: with termination. Operation voltage, 5 V DC. RZ-coaxial switche. Impedance 75 ohm. Contact arrangement transfer or DPDT. Added function: transfer. Operation voltage 24 V DC. RZ-coaxial switche. Impedance 75 ohm. Contact arrangement transfer or DPDT. Added function: transfer. Operation voltage, 5 V DC. RZ-coaxial switche. Impedance 75 ohm. Contact arrangement transfer or DPDT. Added function: transfer. Operation voltage, 12 V DC. RZ-coaxial switche. Impedance 50 ohm. Contact arrangement SP4T. Added function none. Operation voltage, 5 V DC.
|
Matsushita Electric Works(Nais)
|
RT1608 RT1608K100CS RT1608K100GS RT1608M100CS RC32 |
CA BAYONET Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes CACOM 35C 35#16 PIN PLUG CA06COME28-15PWBF97 CA06COME28-15SWBF97 CANCA06COME28-15PBF80G12 CANCA06COME28-15SBF80G12 NITRON LIN CA-BAYONET CACOMB 35C 35#16 SKT PLUG 贴片电阻 CACOM 35C 35#16 SKT PLUG 贴片电阻 THICK FILM CHIP RESISTORS 贴片电阻 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVP00; No. of Contacts:12; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight 贴片电阻 Coaxial Cable; Coaxial RG/U Type:62; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes 贴片电阻 Coaxial Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Man... ETC[ETC] List of Unclassifed Manufacturers Samsung Electronics Electronic Theatre Controls, Inc. Infineon Technologies AG
|
10DL2CZ47A 10FL2CZ47A 10GL2CZ47A |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes DIODE ( SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
TBA12-11EGWA TBA12-12EGWA TBA12-22EGWA TA12-11 TA1 |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Capacitance:16.9pF/ft; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes 30 MM 5 X 7 DOT MATRIX DISPLAYS 5X7 DOT MATRIX DISPLAY, GREEN, 30 mm
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic Kingbright Corporation. Kingbright, Corp.
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
SGMB201209 SGMB201209R202 SGMB201209S800 SGMB20120 |
MULTILAYER FERRITE CHIP BEADS 多层铁氧体片式磁 BNC Adapter; Body Style:Tee Adapter RoHS Compliant: Yes 多层铁氧体片式磁 BNC Adapter; Body Style:Right Angle Adapter, Jack-Plug; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:UHF Jack; Convert To:N Plug RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:59, 62, 140, 210, 302 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes BNC Adapter; Body Style:Straight Bulkhead Adapter, Jack-Jack; Contact Termination:Clamp/Solder; RG Cable Type:58, 59, 179, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:BNC; Contact Termination:Crimp; Body Style:Straight; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp/Solder; Impedance:50ohm; Body Style:Panel Jack Receptacle; RG Cable Type:55, 58, 141; Approval Categories:UG-1095A/U; Body Material:Brass; Frequency Max:11GHz RoHS Compliant: Yes From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
R5312L001A |
Coaxial Cable; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V; RG Cable Type:59 RoHS Compliant: Yes Multi LDOs for Cellular-phone
|
Ricoh Co., Ltd. RICOH electronics devic...
|
R125055000 |
RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Solder; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:402, 0.141" Semi-Rigid; Body Material:Stainless Steel; Frequency:18GHz; Leaded Process Compatible:Yes
|
RADIALL S A
|
BYW81P BYW81P200 BYW81P-200 BYW81PI BYW81PI200 BYW |
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.1pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes ; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Capacitance:55pF/ft; Conductor Material:Copper; Outer Diameter:0.131" RoHS Compliant: Yes 高效快速恢复整流二极管
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V. ST Microelectronics
|